| Moteur de recherche de fiches techniques de composants électroniques |
|
MPI5451R1-1R0-R Fiches technique(PDF) 8 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
MPI5451R1-1R0-R Fiches technique(HTML) 8 Page - Eaton All Rights Reserved. |
|
8 / 8 page ![]() www.eaton.com/elx 8 Eaton is a registered trademark. All other trademarks are property of their respective owners. Eaton’s Electrical Group Electronics Division 114 Old State Road Ellisville, MO 63021 United States www.eaton.com/elx © 2014 Eaton All Rights Reserved Publication No. 10247 — BU-SB14346 June 2014 MPI5451 Series High current, low profile power inductors Technical Data 10247 Effective June 2014 t tP ts TC -5°C Time 25°C to Peak Time 25°C Tsmin Tsmax TL TP Preheat A Max. Ramp Up Rate = 3°C/s Max. Ramp Down Rate = 6°C/s Table 1 - Standard SnPb Solder (Tc) Volume Volume Packagemm3 mm3 Thickness <350 >_350 <2.5mm 235°C 220°C > _2.5mm 220°C 220°C Table 2 - Lead (Pb) Free Solder (Tc) Volume Volume Volume Packagemm3 mm3 mm3 Thickness <350 350 - 2000 >2000 <1.6mm 260°C 260°C 260°C 1.6 – 2.5mm 260°C 250°C 245°C >2.5mm 250°C 245°C 245°C Reference JDEC J-STD-020D Profile Feature Standard SnPb Solder Lead (Pb) Free Solder Preheat and Soak • Temperature min.(Tsmin) 100°C 150°C • Temperature max. (Tsmax) 150°C 200°C • Time (Tsmin to Tsmax) (ts) 60-120 Seconds 60-120 Seconds Average ramp up rate Tsmax to Tp 3°C/ Second Max. 3°C/ Second Max. Liquidous temperature (TL) 183°C 217°C Time at liquidous (tL) 60-150 Seconds 60-150 Seconds Peak package body temperature (TP)* Table 1Table 2 Time (tp)** within 5 °C of the specified classification temperature (Tc) 20 Seconds** 30 Seconds** Average ramp-down rate (Tp to Tsmax) 6°C/ Second Max. 6°C/ Second Max. Time 25°C to Peak Temperature 6 Minutes Max. 8 Minutes Max. * Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum. ** Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum. Solder reflow profile North America Eaton’s Electrical Group Electronics Division 1225 Broken Sound Parkway NW Suite F Boca Raton, FL 33487-3533 Tel: 1-561-998-4100 Fax: 1-561-241-6640 Toll Free: 1-888-414-2645 Eaton’s Electrical Group Electronics Division P.O. Box 14460 St. Louis, MO 63178-4460 Tel: 1-636-394-2877 Fax: 1-636-527-1607 Europe Eaton’s Electrical Group Electronics Division Burton-on-the-Wolds Leicestershire, LE 12 5th UK Phone: +44 (0) 1509 882 600 Fax: +44 (0) 1509 882 786 Eaton’s Electrical Group Electronics Division Avda Santa Eulalia, 290 Terrassa, Barcelona 08223 Spain Phone: +34-93-736-2813 Fax: +34-93-783-5055 Asia Pacific Eaton’s Electrical Group Electronics Division No.2, #06-01 Serangoon North Avenue 5 Singapore 554911 Tel: +65 6645 9888 Fax: +65 6728 3155 The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications. Life Support Policy: Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. Discontinued, Effective February 1, 2016 or until inventory is depleted. No recommended replacement available |