| Moteur de recherche de fiches techniques de composants électroniques |
|
UCD8620PWPR Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
UCD8620PWPR Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 32 page ![]() www.ti.com DESCRIPTION (continued) SIMPLIFIED APPLICATION DIAGRAMS UCD8220, UCD8620 SLUS652B – MARCH 2005 – REVISED SEPTEMBER 2005 The UCD8220 and UCD8620 can be configured for either peak current mode or voltage mode control. They provide a programmable current limit function and a digital output current limit flag which can be monitored by the host controller to set the current limit operation. For fast switching speeds, the output stages use the TrueDrive™ architecture, which delivers rated current of ±4 A into the gate of a MOSFET. Finally they also include a 3.3-V, 10-mA linear regulator to provide power to the digital controller or act as a reference in the system. The UCD8K controller family is compatible with the standard 3.3-V I/O ports of UCD9K digital power controllers, DSPs, Microcontrollers, or ASICs and is offered in PowerPAD™ HTSSOP and QFN packages. Figure 2. UCD8220 Typical Simplified Half-Bridge Converter Application Schematic 2 |