Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NAUSB3-B Fiches technique(PDF) 2 Page - Neutrik AG

No de pièce NAUSB3-B
Description  Reversible USB 3.0 gender changer (type A and B), black D-housing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEUTRIK [Neutrik AG]
Site Internet  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NAUSB3-B Fiches technique(HTML) 2 Page - Neutrik AG

  NAUSB3-B Datasheet HTML 1Page - Neutrik AG NAUSB3-B Datasheet HTML 2Page - Neutrik AG NAUSB3-B Datasheet HTML 3Page - Neutrik AG NAUSB3-B Datasheet HTML 4Page - Neutrik AG NAUSB3-B Datasheet HTML 5Page - Neutrik AG NAUSB3-B Datasheet HTML 6Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Gender Changeable
Certain applications require that the USB 3.0 type A or type B jack is on front to connect end devices like hard disk,
cameras, etc. The connector configuration of the NAUSB3* can be changed by rotating the USB insert without special
tools.
NAUSB3-B
2
/6



Html Pages

1 2 3 4 5 6