| Moteur de recherche de fiches techniques de composants électroniques |
|
NAUSB3 Fiches technique(PDF) 1 Page - Neutrik AG |
|
|
|||||||||||||||||||||||||||||
NAUSB3 Fiches technique(HTML) 1 Page - Neutrik AG |
|
1 / 6 page ![]() NAUSB3 Reversible USB 3.0 gender changer (type A and B), Nickel D- housing The NAUSB3 is a reversible USB 3.0 feed through adapter. The standardized D-shape housing of the adapter fits into conventional patch panels and offers an additional protection for the connector. Not compatible with NKUSB-* cables. Features & Benefits USB 3.0 feedthrough adapter • Reversible insert offering type A or B on front or rear end • Standard D-shape housing • Removable screen for chassis grounding • Meets USB 3.0 specifications • USB 3.0 Performance To meet the USB3.0 specifications the NAUSB3* chassis contain tight tolerance pin wiring and an improved ground connection due to an additional copper film between the USB jacks. As a result the feed through adapter guarantees permanent writing and reading speed > 200 MB/s. NAUSB3 1 /6 |
Numéro de pièce similaire - NAUSB3 |
|
Description similaire - NAUSB3 |