| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7FDALIF2M6 Fiches technique(PDF) 132 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FDALIF2M6 Fiches technique(HTML) 132 Page - STMicroelectronics |
|
132 / 141 page ![]() ST7DALI 132/141 15.2 DEVICE ORDERING INFORMATIONAND TRANSFER OF CUSTOMER CODE Customer code is made up of the FASTROM con- tents and the list of the selected options (if any). The FASTROM contents are to be sent on dis- kette, or by electronic means, with the S19 hexa- decimal file generated by the development tool. All unused bytes must be set to FFh. The selected op- tions are communicated to STMicroelectronics us- ing the correctly completed OPTION LIST append- ed on page 133. Refer to application note AN1635 for information on the counter listing returned by ST after code has been transferred. The STMicroelectronics Sales Organization will be pleased to provide detailed information on con- tractual points. Table 25. Supported part numbers Part Number Program Memory (Bytes) RAM (Bytes) Temp. Range Package ST7FDALIF2M6 8K FLASH 384 -40°C to 85°C SO20 ST7PDALIF2M6 8K FASTROM 384 -40°C to 85°C SO20 Contact ST sales office for product availability |