Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC210 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce TSC210
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC210 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button TSC210 Datasheet HTML 8Page - STMicroelectronics TSC210 Datasheet HTML 9Page - STMicroelectronics TSC210 Datasheet HTML 10Page - STMicroelectronics TSC210 Datasheet HTML 11Page - STMicroelectronics TSC210 Datasheet HTML 12Page - STMicroelectronics TSC210 Datasheet HTML 13Page - STMicroelectronics TSC210 Datasheet HTML 14Page - STMicroelectronics TSC210 Datasheet HTML 15Page - STMicroelectronics TSC210 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
6.1
SC70-6 package information
Figure 28. SC70-6 package outline
Table 6. SC70-6 mechanical data
Symbol
Milimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
1.10
0.037
0.041
A1
0
0.10
0.000
0.004
A2
0.80
1.00
0.035
0.039
b
0.15
0.30
0.008
0.010
c
0.10
0.18
0.004
0.004
D
1.80
2.20
0.078
0.086
E
1.15
1.35
0.050
0.052
e
0.65
0.025
0.026
HE
1.8
2.4
0.083
0.090
L
0.10
0.40
0.013
0.015
Q1
0.10
0.40
0.011
0.013
1. Values in inches are converted from mm and rounded to 4 decimal digits.
TSC210, TSC212, TSC213
Package information
DS13237 - Rev 2
page 12/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22