Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32MP153C Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce STM32MP153C
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153C Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button STM32MP153C Datasheet HTML 29Page - STMicroelectronics STM32MP153C Datasheet HTML 30Page - STMicroelectronics STM32MP153C Datasheet HTML 31Page - STMicroelectronics STM32MP153C Datasheet HTML 32Page - STMicroelectronics STM32MP153C Datasheet HTML 33Page - STMicroelectronics STM32MP153C Datasheet HTML 34Page - STMicroelectronics STM32MP153C Datasheet HTML 35Page - STMicroelectronics STM32MP153C Datasheet HTML 36Page - STMicroelectronics STM32MP153C Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 254 page
background image
DS12503 Rev 3
33/254
STM32MP153C/F
Functional overview
55
3.14
Bus-interconnect matrix
The devices feature an AXI bus matrix, one main AHB bus matrix and bus bridges that allow
bus masters to be interconnected with bus slaves (see Figure 3, the dots represent the
enabled master/slave connections).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More