Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32MP153C Fiches technique(PDF) 219 Page - STMicroelectronics

No de pièce STM32MP153C
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153C Fiches technique(HTML) 219 Page - STMicroelectronics

Back Button STM32MP153C Datasheet HTML 215Page - STMicroelectronics STM32MP153C Datasheet HTML 216Page - STMicroelectronics STM32MP153C Datasheet HTML 217Page - STMicroelectronics STM32MP153C Datasheet HTML 218Page - STMicroelectronics STM32MP153C Datasheet HTML 219Page - STMicroelectronics STM32MP153C Datasheet HTML 220Page - STMicroelectronics STM32MP153C Datasheet HTML 221Page - STMicroelectronics STM32MP153C Datasheet HTML 222Page - STMicroelectronics STM32MP153C Datasheet HTML 223Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 254 page
background image
DS12503 Rev 3
219/254
STM32MP153C/F
Electrical characteristics
233
Figure 49. I2S slave timing diagram (Philips protocol)(1)
1. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first
byte.
Figure 50. I2S master timing diagram (Philips protocol)(1)
1. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first
byte.
SAI characteristics
Unless otherwise specified, the parameters given in Table 100 for SAI are derived from tests
performed under the ambient temperature, Fpclk2 frequency and VDD supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More