Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC2011 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce TSC2011
Description  High voltage bidirectional current sense amplifier evaluation kit based on the
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2011 Fiches technique(HTML) 3 Page - STMicroelectronics

  TSC2011 Datasheet HTML 1Page - STMicroelectronics TSC2011 Datasheet HTML 2Page - STMicroelectronics TSC2011 Datasheet HTML 3Page - STMicroelectronics TSC2011 Datasheet HTML 4Page - STMicroelectronics TSC2011 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Figure 2. STEVAL-AETKT1V1 daughter board (STEVAL-AET002V1B) schematic diagram
The STEVAL-AET002V1B board is not available for separate sale
Vcc
3
Vref2
2
OUT
1
5
4
1
IN+
Vref1
Vcc
7
Gnd
Vref2
Vin-
Out
SHDN
8
Vin-
SHDN
C1
Vcc
Vin+
Gnd
Vref1
8
Adapt MSO8 <-> DIP8
Gnd
IN-
J1
6
TSC2011
5
Vin+
Out
U1



Html Pages

1 2 3 4 5