Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF4013 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce HCF4013
Description  Dual D-type flip-flop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4013 Fiches technique(HTML) 3 Page - STMicroelectronics

  HCF4013 Datasheet HTML 1Page - STMicroelectronics HCF4013 Datasheet HTML 2Page - STMicroelectronics HCF4013 Datasheet HTML 3Page - STMicroelectronics HCF4013 Datasheet HTML 4Page - STMicroelectronics HCF4013 Datasheet HTML 5Page - STMicroelectronics HCF4013 Datasheet HTML 6Page - STMicroelectronics HCF4013 Datasheet HTML 7Page - STMicroelectronics HCF4013 Datasheet HTML 8Page - STMicroelectronics HCF4013 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID2023 Rev 4
3/13
HCF4013
Pin information
13
1
Pin information
Figure 1. Pin connections (top view)
Table 2. Pin description
Pin no
Symbol
Name and function
3, 11
CLOCK1
CLOCK2
Clock inputs
4, 10
RESET1
RESET2
Reset inputs
6, 8
SET1, SET2
Set inputs
5, 9
D1, D2
Data inputs
1, 13
Q1, Q2
Data outputs
2, 12
Q1, Q2
Data outputs
7VSS
Negative supply voltage
14
VDD
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13