Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATS673 Fiches technique(PDF) 15 Page - Allegro MicroSystems

No de pièce ATS673
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673 Fiches technique(HTML) 15 Page - Allegro MicroSystems

Back Button ATS673 Datasheet HTML 11Page - Allegro MicroSystems ATS673 Datasheet HTML 12Page - Allegro MicroSystems ATS673 Datasheet HTML 13Page - Allegro MicroSystems ATS673 Datasheet HTML 14Page - Allegro MicroSystems ATS673 Datasheet HTML 15Page - Allegro MicroSystems ATS673 Datasheet HTML 16Page - Allegro MicroSystems ATS673 Datasheet HTML 17Page - Allegro MicroSystems ATS673 Datasheet HTML 18Page - Allegro MicroSystems ATS673 Datasheet HTML 19Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
ATS673LSE-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673 and ATS674
Sensor and Target Evaluation
0
200
400
600
800
1000
1200
1400
1600
0
60
120
180
240
300
360
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
Tooth
Valley
0
1.0
2.0
3.0
4.0
5.0
6.0
Target Rotation (°)
Magnetic Map, Reference Target 8X with SE Package
AG (mm)
Air Gap Versus Magnetic Field, Reference Target 8X with SE Package
Magnetic Profile
In order to establish the proper operating specification for a par-
ticular sensor device and target system, a systematic evaluation
of the magnetic circuit should be performed. The first step is the
generation of a magnetic map of the target. By using a calibrated
device, a magnetic profile of the system is made. Figure 10 is a
magnetic map of the 8X reference target.
A pair of curves can be derived from this map data, and be used
to describe the tooth and valley magnetic field strength, B, versus
the size of the air gap, AG. This allows determination of the mini-
mum amount of magnetic flux density that guarantees operation
of the sensor, so the system designer can determine the maximum
allowable AG for the sensor and target system. One can also
determine the TPOS air gap capabilities of the sensor by compar-
ing the minimum tooth signal to the maximum valley signal.
Figure 10. Magnetic Data for the 8X Reference Target and SE package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20