| Moteur de recherche de fiches techniques de composants électroniques |
|
MM54HC85 Fiches technique(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM54HC85 Fiches technique(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 6 page ![]() AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns Symbol Parameter Conditions Typ Limit Units tPHL tPLH Maximum Propagation Delay Data Input to AkBorAlB ns tPHL tPLH Maximum Propagation Delay AeB Input to AeB Output ns tPHL tPLH Maximum Propagation Delay Cascade Input to Output ns tPHL tPLH Maximum Propagation Delay Data Input to AeB ns AC Electrical Characteristics CLe50 pF tretfe6 ns (unless otherwise specified) TAe25 C 74HC 54HC Symbol Parameter Conditions VCC TAeb40 to 85 CTAeb55 to 125 C Units Typ Guaranteed Limits tPHL tPLH Maximum Propagation V ns Delay Data Input to V ns Output V ns tPHL tPLH Maximum Propagation Delay V ns Data Input to AeB Output V ns V ns tPHL tPLH Maximum Propagation Delay V ns AeB Input to AeB Output V ns V ns tPHL tPLH Maximum Propagation V ns Delay Cascade Input V ns to Output except AeB V ns tTLH tTHL Maximum Output Rise V ns and Fall Time V ns V ns CIN Maximum Input Capacitance pF CPD Power Dissipation Capacitance Note pF Note 5 CPD determines the no load dynamic power consumption PD e CPD VCC2 faICC VCC and the no load dynamic current consumption IS e CPD VCC f a ICC Typical Application TLF5205 – 4 Cascading Comparators 3 |