Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT2DC20S20F Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce HT2DC20S20F
Description  HITAG 2 transponder IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HT2DC20S20F Fiches technique(HTML) 8 Page - NXP Semiconductors

  HT2DC20S20F Datasheet HTML 1Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 2Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 3Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 4Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 5Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 6Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 7Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 8Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HT2X_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.1 — 3 November 2014
210431
8 of 9
NXP Semiconductors
HT2x
HITAG 2 transponder IC
Export control — This document as well as the item(s) described herein
may be subject to export control regulations. Export might require a prior
authorization from competent authorities.
Quick reference data — The Quick reference data is an extract of the
product data given in the Limiting values and Characteristics sections of this
document, and as such is not complete, exhaustive or legally binding.
Non-automotive qualified products — Unless this data sheet expressly
states that this specific NXP Semiconductors product is automotive qualified,
the product is not suitable for automotive use. It is neither qualified nor tested
in accordance with automotive testing or application requirements. NXP
Semiconductors accepts no liability for inclusion and/or use of
non-automotive qualified products in automotive equipment or applications.
In the event that customer uses the product for design-in and use in
automotive applications to automotive specifications and standards, customer
(a) shall use the product without NXP Semiconductors’ warranty of the
product for such automotive applications, use and specifications, and (b)
whenever customer uses the product for automotive applications beyond
NXP Semiconductors’ specifications such use shall be solely at customer’s
own risk, and (c) customer fully indemnifies NXP Semiconductors for any
liability, damages or failed product claims resulting from customer design and
use of the product for automotive applications beyond NXP Semiconductors’
standard warranty and NXP Semiconductors’ product specifications.
11.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
HITAG — is a trademark of NXP Semiconductors N.V.
12. Contact information
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com



Html Pages

1 2 3 4 5 6 7 8 9