| Moteur de recherche de fiches techniques de composants électroniques |
|
A3979 Fiches technique(PDF) 15 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A3979 Fiches technique(HTML) 15 Page - Allegro MicroSystems |
|
15 / 15 page ![]() DMOS Microstepping Driver with Translator A3979 15 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com LP Package, 28-Pin TSSOP with Exposed Thermal Pad The products described here are manufactured under one or more U.S. patents or U.S. patents pending. Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the information being relied upon is current. Allegro® products are not authorized for use as critical components in life-support devices or systems without express written approval. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringement of patents or other rights of third parties which may result from its use. Copyright©2005 AllegroMicrosystems, Inc. A 1.20 MAX .047 0.15 0 .006 .000 0.30 0.19 .012 .007 4.5 4.3 .177 .169 6.6 6.2 .260 .244 5 NOM .200 3 NOM .118 0.20 0.09 .008 .004 8º 0º 0.75 0.45 .030 .018 1 REF .039 9.8 9.6 .386 .378 C SEATING PLANE A B 28X 0.10 [.004] M C A B C 0.10 [.004] 28X 0.65 .026 0.25 .010 2 1 28 GAUGE PLANE SEATING PLANE B Preliminary dimensions, for reference only Dimensions in millimeters U.S. Customary dimensions (in.) in brackets, for reference only (reference JEDEC MO-153 AET) Dimensions exclusive of mold flash, gate burrs, and dambar protrusions Exact case and lead configuration at supplier discretion within limits shown A B Terminal #1 mark area Exposed thermal pad (bottom surface) |