| Moteur de recherche de fiches techniques de composants électroniques |
|
STV8227T Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV8227T Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 149 page ![]() 7/149 STV82x7 General Description Table 1: STV82x7 Version List S T V 8 2 0 7 S T V 8 2 1 7 S T V 8 2 2 7 S T V 8 2 3 7 STV8247 STV8257 STV8267 STV8277 STV8287 S T V 8 2 4 7 D S T V 8 2 4 7 D S X S T V 8 2 5 7 S T V 8 2 5 7 D S T V 8 2 5 7 D S X S T V 8 2 6 7 D S T V 8 2 6 7 D S X S T V 8 2 7 7 S T V 8 2 7 7 D S T V 8 2 7 7 D S X S T V 8 2 8 7 D S T V 8 2 8 7 D S X Demodulation AM/FM - Mono, FM 2-carrier XXXXXX XXXXXXXXXX NICAM X XXX XXXXXXXXXX Multi-Channel Capability 3 x I²S In or 1 I²S Out, S/PDIF (Pass-thru) XXX XXXXX 5.1 Analog Out for Loudspeakers XXXXXXX Virtual Dolby ® Surround XX XXXX XXXX Virtual Dolby ® Digital capability1 1. Virtual Dolby Digital capability is obtained with the use of external Dolby Digital decoder (for example STD05x0). XXX XXXXX Dolby ® Pro Logic® XX XX Dolby ® Pro Logic II® XX Audio Processing SRS ® WOW™ XX SRS ® TruSurround XT™ XX X X X ST Voice, ST Dynamic Bass, ST WideSurround XXXXXX XXXXXXXXXX ST OmniSurround2 2. When using VDD or VDS with ST OmniSurround or SRS TruSurround XTTM, either a Dolby ® Digital or a Pro Logic ® (or Pro Logic II®) decoder is mandatory respectively. XX XXXXXXXXXX Figure 1: Package Ordering Information ® TQ FP 80 STV82x7 (Tray) STV82x7/T (Tape & Reel) Order Code: For Example: STV8257DSX/T will be delivered in Tape & Reel conditioning |