Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SWF1608LF-R56K Fiches technique(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

No de pièce SWF1608LF-R56K
Description  Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Site Internet  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWF1608LF-R56K Fiches technique(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWF1608LF-R56K Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWF1608LF-R56K Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
P3
1
10
100
FREQUENCY(MHz)
1
10
2R2
R33
47N
SWF1608LF Q VS Freq.
100
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
Test Frequency
(Hz)
Q
Typ
Test Frequency
(MHz)
SRF
(MHz) typ.
DCR
(Ω) max.
IDC
(mA) max.
SWF1608LF-1R2□
1.2
K
0.5V/7.9M
17
7.9
270
0.87
550
SWF1608LF-1R5□
1.5
K
0.5V/7.9M
17
7.9
270
1.06
540
SWF1608LF-1R8□
1.8
K
0.5V/7.9M
17
7.9
230
1.1
520
SWF1608LF-2R2□
2.2
K
0.5V/7.9M
17
7.9
130
1.2
500
SWF1608LF-2R7□
2.7
K
0.5V/7.9M
17
7.9
105
1.5
480
SWF1608LF-3R3□
3.3
K
0.5V/7.9M
17
7.9
84
1.5
440
SWF1608LF-3R9□
3.9
K
0.5V/7.9M
17
7.9
80
1.6
430
SWF1608LF-4R7□
4.7
J,K
0.5V/7.9M
18
7.9
69
2.1
420
SWF1608LF-5R6□
5.6
J,K
0.5V/7.9M
18
7.9
65
2.6
350
SWF1608LF-6R8□
6.8
J,K
0.5V/7.9M
19
7.9
55
3.1
330
SWF1608LF-7R8□
7.8
J,K
0.5V/7.9M
17
7.9
47
3.5
320
SWF1608LF-8R2□
8.2
J,K
0.5V/7.9M
17
7.9
42
3.8
300
SWF1608LF-100□
10
J,K
0.5V/7.9M
19
7.9
40
4.8
270
1
10
100
1000
FREQUENCY(MHz)
1
10
SWF1608LF-Ls
R33
4R7
2R2
47N
100



Html Pages

1 2