Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SWF21FC Fiches technique(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

No de pièce SWF21FC
Description  Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Site Internet  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWF21FC Fiches technique(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWF21FC Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWF21FC Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
Test Frequency
(Hz)
Q
min.
Test Frequency
(MHz)
Rated Current
(mA) max.
DCR
(Ω) max.
SRF
(MHz) min.
SWF21FC-2R7□A
2.70
K,M
0.5V/7.96M
10
7.96
410
0.74
140
SWF21FC-3R3□A
3.30
K,M
0.5V/7.96M
10
7.96
385
0.81
95
SWF21FC-3R9□A
3.90
K,M
0.5V/7.96M
10
7.96
372
0.88
57
SWF21FC-4R7□A
4.70
K,M
0.5V/7.96M
10
7.96
345
0.99
51
SWF21FC-5R6□A
5.60
K,M
0.5V/7.96M
10
7.96
335
1.06
44
SWF21FC-6R8□A
6.80
K,M
0.5V/7.96M
10
7.96
315
1.21
39
SWF21FC-8R2□A
8.20
K,M
0.5V/7.96M
10
7.96
295
1.33
33
SWF21FC-100□A
10.0
K,M
0.5V/2.52M
10
2.52
260
1.79
30
SWF21FC-120□A
12.0
K,M
0.5V/2.52M
10
2.52
250
1.98
27
SWF21FC-150□A
15.0
K,M
0.5V/2.52M
10
2.52
215
2.68
22
SWF21FC-180□A
18.0
K,M
0.5V/2.52M
10
2.52
195
3.12
20
SWF21FC-220□A
22.0
K,M
0.5V/2.52M
10
2.52
180
3.48
18
SWF21FC-270□A
27.0
K,M
0.5V/2.52M
10
2.52
170
3.84
16
SWF21FC-330□A
33.0
K,M
0.5V/2.52M
10
2.52
145
4.34
15



Html Pages

1 2