Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SWF2012CF Fiches technique(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

No de pièce SWF2012CF
Description  Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Site Internet  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWF2012CF Fiches technique(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWF2012CF Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWF2012CF Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
P3
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
Test Frequency
(Hz)
Q
min.
Test Frequency
(MHz)
Rated Current
(mA) max.
DCR
(Ω) max.
SRF
(MHz) min.
SWF2012CF-2R7□
2.70
K,M
0.5V/7.96M
10
7.96
410
0.74
140
SWF2012CF-3R3□
3.30
K,M
0.5V/7.96M
10
7.96
385
0.81
95
SWF2012CF-3R9□
3.90
K,M
0.5V/7.96M
10
7.96
372
0.88
57
SWF2012CF-4R7□
4.70
K,M
0.5V/7.96M
10
7.96
345
0.99
51
SWF2012CF-5R6□
5.60
K,M
0.5V/7.96M
10
7.96
335
1.06
44
SWF2012CF-6R8□
6.80
K,M
0.5V/7.96M
10
7.96
315
1.21
39
SWF2012CF-8R2□
8.20
K,M
0.5V/7.96M
10
7.96
295
1.33
33
SWF2012CF-100□
10.0
K,M
0.5V/2.52M
10
2.52
260
1.79
30
SWF2012CF-120□
12.0
K,M
0.5V/2.52M
10
2.52
250
1.98
27
SWF2012CF-150□
15.0
K,M
0.5V/2.52M
10
2.52
215
2.68
22
SWF2012CF-180□
18.0
K,M
0.5V/2.52M
10
2.52
195
3.12
20
SWF2012CF-220□
22.0
K,M
0.5V/2.52M
10
2.52
180
3.48
18
SWF2012CF-270□
27.0
K,M
0.5V/2.52M
10
2.52
170
3.84
16
SWF2012CF-330□
33.0
K,M
0.5V/2.52M
10
2.52
145
4.34
15



Html Pages

1 2