Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STN724 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STN724
Description  NPN MEDIUM POWER TRANSISTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN724 Fiches technique(HTML) 2 Page - STMicroelectronics

  STN724 Datasheet HTML 1Page - STMicroelectronics STN724 Datasheet HTML 2Page - STMicroelectronics STN724 Datasheet HTML 3Page - STMicroelectronics STN724 Datasheet HTML 4Page - STMicroelectronics STN724 Datasheet HTML 5Page - STMicroelectronics STN724 Datasheet HTML 6Page - STMicroelectronics STN724 Datasheet HTML 7Page - STMicroelectronics STN724 Datasheet HTML 8Page - STMicroelectronics STN724 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1 Absolute Maximum Ratings
STF724 - STN724
2/10
1
Absolute Maximum Ratings
Table 1.
Absolute Maximum Rating
Table 2.
Thermal Data
Note: 1 Device mounted on a PCB area of 1 cm2.
Symbol
Parameter
Value
Unit
STF724
STN724
VCBO
Collector-Base Voltage (IE = 0)
60
V
VCEO
Collector-Emitter Voltage (IB = 0)
30
V
VEBO
Collector-Base Voltage (IC = 0)
5V
IC
Collector Current
3
A
ICM
Collector Peak Current (tP < 5ms)
6A
IB
Base Current
1
A
IBM
Base Peak Current (tP < 5ms)
2A
PTOT
Total dissipation at Tc = 25°C
1.4
1.6
W
TSTG
Storage Temperature
-65 to 150
°C
TJ
Max. Operating Junction Temperature
150
Symbol
Parameter
Value
Unit
SOT-89
SOT-223
Rthj-amb
Note: 1
Thermal Resistance Junction-Amb ____________________Max
89
78
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10