| Moteur de recherche de fiches techniques de composants électroniques |
|
JSX-M3131 Fiches technique(PDF) 1 Page - Kycon, Inc. |
|
|
|||||||||||||||||||||||||||||
JSX-M3131 Fiches technique(HTML) 1 Page - Kycon, Inc. |
|
|
1 / 1 page ![]() Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0216 Generated Part Number 2D Drawing Check Stock IGES Solder Profile STEP Request a Sample CofC RoHS Compliant CofC REACH Compliant UL Plastic File Certificate of Origin Send Us An Email 3D PDF D-SUBMINIATURE Hardware: Hardware Dimensions in mm JSX-1000 #4-40 Female Hex. Jackscrew Bulk Material Finish Body: Copper Alloy Finish: Nickel (500/Bag) JSX-1055 #4-40 Female Hex. Jackscrew Bulk Material Finish Body: Copper Alloy Finish: Nickel (500/Bag) JSX-1055-5.9 #4-40 Female Hex. Jackscrew Bulk Material Finish Body: Brass Finish: Nickel (500/Bag) EXTERNAL THREAD #4-40 UNC Ø3.5 Min. 4.75 11.75±0.75 1.0 Ref 4.8±0.25 INTERNAL THREAD #4-40 UNC #4-40 UNC INTERNAL THREAD 5.0±0.25 10.5±0.75 4.75 Ø3.5 Min. #4-40 UNC EXTERNAL THREAD 1.0 Ref EXTERNAL THREAD #4-40 UNC 4.75 11.4 5.9 INTERNAL THREAD #4-40 UNC 1.0 JSX-M3131 #4-40 External,M3 Metric Internal Thread Jackscrew Bulk Material Finish Body: Brass Finish: Nickel (500/Bag) 4.75 13.1 5.1 #4-40 UNC External Thread M3 Internal Thread JSX-M3131M M3 External,M3 Metric Internal Thread Jackscrew Bulk Material Finish Body: Brass Finish: Nickel (500/Bag) JSX-1000 |
Numéro de pièce similaire - JSX-M3131 |
|
Description similaire - JSX-M3131 |