Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSA6352HL3JB-T Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce DSA6352HL3JB-T
Description  Ultra-Small, Ultra-Low Power MEMS Oscillatorwith Spread Spectrum for Automotive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA6352HL3JB-T Fiches technique(HTML) 11 Page - Microchip Technology

Back Button DSA6352HL3JB-T Datasheet HTML 7Page - Microchip Technology DSA6352HL3JB-T Datasheet HTML 8Page - Microchip Technology DSA6352HL3JB-T Datasheet HTML 9Page - Microchip Technology DSA6352HL3JB-T Datasheet HTML 10Page - Microchip Technology DSA6352HL3JB-T Datasheet HTML 11Page - Microchip Technology DSA6352HL3JB-T Datasheet HTML 12Page - Microchip Technology DSA6352HL3JB-T Datasheet HTML 13Page - Microchip Technology DSA6352HL3JB-T Datasheet HTML 14Page - Microchip Technology DSA6352HL3JB-T Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
 2019 Microchip Technology Inc.
DS20006189A-page 11
DSA63XX
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
4-Lead VLGA*
2.5 x 2.0
Example
Example
XXXXXXX
XXXYYWW
SSS
0400000
DCP1834
287
4-Lead VFLGA*
2.0 x 1.6/1.6 x 1.2
XXXX
SSS
011H
502
Legend: XX...X
Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
SSS
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26