Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX58200 Fiches technique(PDF) 59 Page - ASIX Electronics Corporation

No de pièce AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASIX [ASIX Electronics Corporation]
Site Internet  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Fiches technique(HTML) 59 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 55Page - ASIX Electronics Corporation AX58200 Datasheet HTML 56Page - ASIX Electronics Corporation AX58200 Datasheet HTML 57Page - ASIX Electronics Corporation AX58200 Datasheet HTML 58Page - ASIX Electronics Corporation AX58200 Datasheet HTML 59Page - ASIX Electronics Corporation AX58200 Datasheet HTML 60Page - ASIX Electronics Corporation AX58200 Datasheet HTML 61Page - ASIX Electronics Corporation AX58200 Datasheet HTML 62Page - ASIX Electronics Corporation AX58200 Datasheet HTML 63Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 180 page
background image
59
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Set HXTFDEN To enable
HXT clock detector
HXTFIF = 1?
System clock source =
“HXT” or “PLL with
HXT” ?
YES
System clock keep
original clock
NO
YES
Switch system clock to
HIRC
NO
Figure 2.3-4: HXT Stop Protect Procedure
The clock source of SysTick in Cortex® -M4 core can use CPU clock or external clock (SYST_CTRL[2]). If using
external clock, the SysTick clock (STCLK) has 5 clock sources. The clock source switch depends on the setting
of the register STCLKSEL (CLK_CLKSEL0[5:3]). The block diagram is shown in Figure 2.3-5.
111
011
010
001
HXT
LXT
HXT
HCLK
STCLKSEL
(CLK_CLKSEL0[5:3])
STCLK
HIRC
000
1/2
1/2
1/2
Figure 2.3-5: SysTick Clock Control Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More