| Moteur de recherche de fiches techniques de composants électroniques |
|
X5328PIZ Fiches technique(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
X5328PIZ Fiches technique(HTML) 2 Page - Intersil Corporation |
|
2 / 21 page ![]() 2 FN8132.1 October 17, 2005 Ordering Information PART NUMBER RESET (ACTIVE LOW) PART MARKING PART NUMBER RESET (ACTIVE HIGH) PART MARKING VCC RANGE (V) VTRIP RANGE TEMP RANGE (°C) PACKAGE X5328P-4.5A X5329P-4.5A 4.5-5.5 4.5-4.75 0 to 70 8 Ld PDIP X5328PZ-4.5A (Note) X5328P Z AL X5329PZ-4.5A (Note) X5329P Z AL 0 to 70 8 Ld PDIP (Pb-free) X5328PI-4.5A X5329PI-4.5A -40 to 85 8 Ld PDIP X5328PIZ-4.5A (Note) X5328P Z AM X5329PIZ-4.5A (Note) X5329P Z AM -40 to 85 8 Ld PDIP (Pb-free) X5328S8-4.5A X5328 AL X5329S8-4.5A 0 to 70 8 Ld SOIC X5328S8Z-4.5A (Note) X5328 Z AL X5329S8Z-4.5A (Note) X5329 Z AL 0 to 70 8 Ld SOIC (Pb-free) X5328S8I-4.5A X5328 AM X5329S8I-4.5A -40 to 85 8 Ld SOIC X5328S8IZ-4.5A (Note) X5328 Z AM X5329S8IZ-4.5A (Note) X5329 Z AM -40 to 85 8 Ld SOIC (Pb-free) X5328V14-4.5A X5329V14-4.5A 0 to 70 14 Ld TSSOP X5328V14Z-4.5A (Note) X5328V Z AL X5329V14Z-4.5A (Note) X5329V Z AL 0 to 70 14 Ld TSSOP (Pb-free) X5328V14I-4.5A X5329V14I-4.5A -40 to 85 14 Ld TSSOP X5328V14IZ-4.5A (Note) X5328V Z AM X5329V14IZ-4.5A (Note) X5329V Z AM -40 to 85 14 Ld TSSOP (Pb-free) X5328P X5328P X5329P X5329P 4.5-5.5 4.25-4.5 0 to 70 8 Ld PDIP X5328PZ (Note) X5328P Z X5329PZ (Note) X5329P Z 0 to 70 8 Ld PDIP (Pb-free) X5328PI X5328P I X5329PI X5329P I -40 to 85 8 Ld PDIP X5328PIZ (Note) X5328P Z I X5329PIZ (Note) X5329P Z I -40 to 85 8 Ld PDIP (Pb-free) X5328S8* X5328 X5329S8* 0 to 70 8 Ld SOIC X5328S8Z* (Note) X5328 Z X5329S8Z* (Note) X5329 Z 0 to 70 8 Ld SOIC (Pb-free) X5328S8I* X5328 I X5329S8I* -40 to 85 8 Ld SOIC X5328S8IZ* (Note) X5328 Z I X5329S8IZ* (Note) X5329 Z I -40 to 85 8 Ld SOIC (Pb-free) X5328V14* X5328V X5329V14* 0 to 70 14 Ld TSSOP X5328V14Z* (Note) X5328V Z X5329V14Z* (Note) X5329V Z 0 to 70 14 Ld TSSOP (Pb-free) X5328V14I* X5329V14I* -40 to 85 14 Ld TSSOP X5328V14IZ* (Note) X5328V Z I X5329V14IZ* (Note) X5329V Z I -40 to 85 14 Ld TSSOP (Pb-free) X5328P-2.7A X5329P-2.7A 2.7-5.5 2.85-3.0 0 to 70 8 Ld PDIP X5328PZ-2.7A (Note) X5328P Z AN X5329PZ-2.7A (Note) X5329P Z AN 0 to 70 8 Ld PDIP (Pb-free) X5328PI-2.7A X5329PI-2.7A -40 to 85 8 Ld PDIP X5328PIZ-2.7A (Note) X5328P Z AP X5329PIZ-2.7A (Note) X5329P Z AP -40 to 85 8 Ld PDIP (Pb-free) X5328S8-2.7A X5328 AN X5329S8-2.7A 0 to 70 8 Ld SOIC X5328S8Z-2.7A (Note) X5328 Z AN X5329S8Z-2.7A (Note) X5329 Z AN 0 to 70 8 Ld SOIC (Pb-free) X5328S8I-2.7A X5328 AP X5329S8I-2.7A -40 to 85 8 Ld SOIC X5328S8IZ-2.7A (Note) X5328 Z AP X5329S8IZ-2.7A (Note) X5329 Z AP -40 to 85 8 Ld SOIC (Pb-free) X5328V14-2.7A X5328V AN X5329V14-2.7A 0 to 70 14 Ld TSSOP X5328V14Z-2.7A (Note) X5328V Z AN X5329V14Z-2.7A (Note) X5329V Z AN 0 to 70 14 Ld TSSOP (Pb-free) X5328, X5329 |