| Moteur de recherche de fiches techniques de composants électroniques |
|
ST92195D7 Fiches technique(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92195D7 Fiches technique(HTML) 72 Page - STMicroelectronics |
|
72 / 249 page ![]() 72/249 ST92195C/D - I/O PORTS INPUT/OUTPUT BIT CONFIGURATION (Cont’d) Figure 37. Basic Structure of an I/O Port Pin Figure 38. Input Configuration n n Figure 39. Output Configuration n OUTPUT SLAVE LATCH OUTPUT MASTER LATCH INPUT LATCH INTERNAL DATA BUS I/O PIN PUSH-PULL TRISTATE OPEN DRAIN WEAK PULL-UP FROM PERIPHERAL OUTPUT OUTPUT INPUT BIDIRECTIONAL ALTERNATE FUNCTION TO PERIPHERAL INPUTS AND TTL / CMOS (or Schmitt Trigger) INTERRUPTS ALTERNATE FUNCTION INPUT OUTPUT BIDIRECTIONAL OUTPUT MASTER LATCH INPUT LATCH OUTPUT SLAVE LATCH INTERNAL DATA BUS I/O PIN TRISTATE TO PERIPHERAL INPUTS AND TTL / CMOS (or Schmitt Trigger) INTERRUPTS OUTPUT MASTER LATCH INPUT LATCH OUTPUT SLAVE LATCH INTERNAL DATA BUS I/O PIN OPEN DRAIN TTL (or Schmitt Trigger) PUSH-PULL TO PERIPHERAL INPUTS AND INTERRUPTS |