Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSC1122AI2-T Fiches technique(PDF) 25 Page - Microchip Technology

No de pièce DSC1122AI2-T
Description  Low-Jitter Precision LVPECL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1122AI2-T Fiches technique(HTML) 25 Page - Microchip Technology

Back Button DSC1122AI2-T Datasheet HTML 20Page - Microchip Technology DSC1122AI2-T Datasheet HTML 21Page - Microchip Technology DSC1122AI2-T Datasheet HTML 22Page - Microchip Technology DSC1122AI2-T Datasheet HTML 23Page - Microchip Technology DSC1122AI2-T Datasheet HTML 24Page - Microchip Technology DSC1122AI2-T Datasheet HTML 25Page - Microchip Technology DSC1122AI2-T Datasheet HTML 26Page - Microchip Technology DSC1122AI2-T Datasheet HTML 27Page - Microchip Technology DSC1122AI2-T Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2019 Microchip Technology Inc.
DS20006254A-page 25
DSC1102/22
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) DSC1102AE1-053.5000:
DSC1102,
6-Lead 7x5 VDFN,
Ext. Commercial
Temp. Range, ±50 ppm
Stability, 53.5 MHz
Frequency, Tube
b) DSC1122BI2-246.8100T:
DSC1122,
6-Lead 5x3.2 CDFN,
Industrial Temp. Range,
±25 ppm Stability,
246.81 MHz Frequency,
1000/Reel
c) DSC1102CL5-156.2500:
DSC1102,
6-Lead 3.2x2.5 VDFN,
Ext. Industrial
Temp. Range, ±10 ppm
Stability, 156.25 MHz
Frequency, Tube
d) DSC1122DE3-094.5500T: DSC1122,
6-Lead 2.5x2.0 VDFN,
Industrial Temp. Range,
±20 ppm Stability,
94.55 MHz Frequency,
1000/Reel
PART NO.
X
X
Packaging
Stability
Device
Device:
DSC1102:
Low-Jitter Precision LVPECL Oscillator with
Standby Pin
DSC1122:
Low-Jitter Precision LVPECL Oscillator with
Output Enable
Package:
A
=
6-Lead 7.0 mm x 5.0 mm VDFN
B
=
6-Lead 5.0 mm x 3.2 mm CDFN
C
=
6-Lead 3.2 mm x 2.5 mm VDFN
D
=
6-Lead 2.5 mm x 2.0 mm VDFN
N
=
6-Lead 7.0 mm x 5.0 mm VDFN w/o center
pad
Temperature
Range:
E
=
–20
C to +70C (Extended Commercial)
I
=
–40
C to +85C (Industrial)
L
=
–40
C to +105C (Extended Industrial)
Stability:
1
=
±50 ppm
2
=
±25 ppm
3
=
±20 ppm
5
=
±10 ppm
Frequency:
xxx.xxxx = 2.3 MHz to 460 MHz (User Defined)
Packing Option:
<blank>=
Tube
T
=
1000/Reel
X
Package
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
X
Temperature
Range
-XXX.XXXX
Frequency
Option
Note:
Please visit the Microchip ClockWorks® Configurator to configure
the part number for customized frequency.
http://clockworks.microchip.com/timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com