| Moteur de recherche de fiches techniques de composants électroniques |
|
DSA6331ML1CB-T Fiches technique(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSA6331ML1CB-T Fiches technique(HTML) 16 Page - Microchip Technology |
|
16 / 26 page ![]() Microchip Technology Drawing C04-1200A Sheet 2 of 2 REF: Reference Dimension, usually without tolerance, for information purposes only. BSC: Basic Dimension. Theoretically exact value shown without tolerances. 1. 2. 3. Notes: Pin 1 visual index feature may vary, but must be located within the hatched area. Package is saw singulated Dimensioning and tolerancing per ASME Y14.5M 4-Lead Very Thin Fine Pitch Land Grid Array (ASA) - 2.0x1.6 mm Body [VFLGA] For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: Number of Terminals Overall Height Overall Width Terminal Length Substrate Thickness (with Terminals) Terminal Pitch Standoff Units Dimension Limits A1 A b2 A3 e L E N 1.55 BSC 0.20 REF 0.40 0.50 0.79 0.00 0.55 0.45 0.84 0.02 1.60 BSC MILLIMETERS MIN NOM 6 0.50 0.60 0.89 0.05 MAX CH 0.15 -- Terminal 1 Index Chamfer Overall Length D 2.00 BSC Terminal Width b1 0.30 0.35 0.40 Terminal Width Terminal Pitch e1 0.95 BSC DSA63XX DS20006189A-page 16 2019 Microchip Technology Inc. |