Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC852T Fiches technique(PDF) 65 Page - Freescale Semiconductor, Inc

No de pièce MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Fiches technique(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC852T Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
Freescale Semiconductor
65
Mechanical Data and Ordering Information
PA10
TXD3
H15
Bidirectional
(5V tolerant)
PA9
RXD4
J16
Bidirectional
(Optional: Open-drain)
(5V tolerant)
PA8
TXD4
J15
Bidirectional
(5V tolerant)
PA3
CLK5
BRGO3
TIN3
K16
Bidirectional
(5V tolerant)
PA2
CLK6
TOUT3
K14
Bidirectional
(5V tolerant)
PA1
CLK7
BRGO4
TIN4
L15
Bidirectional
(5V tolerant)
PA0
CLK8
TOUT4
M16
Bidirectional
(5V tolerant)
PB31
SPISEL
E13
Bidirectional
(Optional: Open-drain)
(5V tolerant)
PB30
SPICLK
F13
Bidirectional
(Optional: Open-drain)
(5V tolerant)
PB29
SPIMOSI
D15
Bidirectional
(Optional: Open-drain)
(5V tolerant)
PB28
SPIMISO
BRGO4
G13
Bidirectional
(Optional: Open-drain)
(5V tolerant)
PB25
SMTXD1
H14
Bidirectional
(Optional: Open-drain)
(5V tolerant)
PB24
SMRXD1
H16
Bidirectional
(Optional: Open-drain)
(5V tolerant)
PB15
BRGO3
L16
Bidirectional
(5V tolerant)
Table 30. Pin Assignments - JEDEC Standard (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80