Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS61584A-IL5 Fiches technique(PDF) 4 Page - Cirrus Logic

No de pièce CS61584A-IL5
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A-IL5 Fiches technique(HTML) 4 Page - Cirrus Logic

  CS61584A-IL5 Datasheet HTML 1Page - Cirrus Logic CS61584A-IL5 Datasheet HTML 2Page - Cirrus Logic CS61584A-IL5 Datasheet HTML 3Page - Cirrus Logic CS61584A-IL5 Datasheet HTML 4Page - Cirrus Logic CS61584A-IL5 Datasheet HTML 5Page - Cirrus Logic CS61584A-IL5 Datasheet HTML 6Page - Cirrus Logic CS61584A-IL5 Datasheet HTML 7Page - Cirrus Logic CS61584A-IL5 Datasheet HTML 8Page - Cirrus Logic CS61584A-IL5 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
CS61584A
4
DS261PP5
DS261PP5
Table 13. CS61584A External Components..................................................................................... 48
Table 14. Quartz Crystal Specifications ........................................................................................... 50
Table 15. Suggested Quartz Crystals............................................................................................... 50
Table 16. Suggested Crystal Oscillators .......................................................................................... 50
Table 17. Transformer Specifications ............................................................................................... 51
Table 18. Recommended Transformers........................................................................................... 52
LIST OF FIGURES
Figure 1.
Signal Rise And Fall Characteristics .............................................................................. 9
Figure 2.
Recovered Clock and Data Switching Characteristics ................................................... 9
Figure 3.
Transmit Clock and Data Switching Characteristics ...................................................... 9
Figure 4.
Serial Port Write Timing Diagram ................................................................................. 10
Figure 5.
Serial Port Read Timing Diagram ................................................................................ 10
Figure 6.
Parallel Port Timing - Motorola Mode ........................................................................... 12
Figure 7.
Parallel Port Timing - Intel Read Mode ........................................................................ 12
Figure 8.
Parallel Port Timing - Intel Write Mode ........................................................................ 12
Figure 9.
Parallel Port Timing - Motorola Mode to RAM .............................................................. 13
Figure 10. Parallel Port Timing - Intel Read Mode from RAM or ROM ......................................... 13
Figure 11. Parallel Port Timing - Intel Write Mode to RAM ........................................................... 13
Figure 12. JTAG Switching Characteristics ................................................................................... 14
Figure 13. Examples of CS61584A Applications ........................................................................... 15
Figure 14. Typical Pulse Shape at DSX-1 Cross Connect ............................................................ 17
Figure 15. Mask of the Pulse at the 2048 kbps Interface .............................................................. 17
Figure 16. Minimum Input Jitter Tolerance of Receiver (Clock Recovery Circuit and
jitter Attenuator) ............................................................................................................ 18
Figure 17. Typical Jitter Transfer Function .................................................................................... 19
Figure 18. Alarm Indication Event Relationships ........................................................................... 24
Figure 19. Phase Definition of Arbitrary Waveforms ..................................................................... 29
Figure 20. Example of Summing of Waveforms ............................................................................ 29
Figure 21. Serial Read/Write Format (SPOL = 0) .......................................................................... 30
Figure 22. Address Command byte ............................................................................................... 30
Figure 23. JTAG Circuitry Block Diagram ..................................................................................... 31
Figure 24. TAP Controller State Diagram ...................................................................................... 34
Figure 25. JTAG Instruction Register update ................................................................................ 37
Figure 26. JTAG Data Register update ......................................................................................... 38
Figure 27. Hardware Mode Configuration ..................................................................................... 48
Figure 28. Host Mode Serial Port Configuration ............................................................................ 49
Figure 29. Host Mode Parallel Port Configuration ......................................................................... 49
CS61584A
4
DS261F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54