| Moteur de recherche de fiches techniques de composants électroniques |
|
CS61584A Fiches technique(PDF) 53 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS61584A Fiches technique(HTML) 53 Page - Cirrus Logic |
|
53 / 54 page ![]() CS61584A DS261F1 53 ORDERING INFORMATION ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION * MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020. Model Operating Voltage Package Temperature CS61584A-IL3 3.3 V 68-pin PLCC -40 to +85 °C CS61584A-IL5 5.0 V CS61584A-IQ3 3.3 V 64-pin LQFP CS61584A-IQ3Z (Lead Free) CS61584A-IQ5 5.0 V CS61584A-IQ5Z (Lead Free) Model Number Peak Reflow Temp MSL Rating* Max Floor Life CS61584A-IL3 225 °C 37 Days CS61584A-IL5 CS61584A-IQ3 240 °C CS61584A-IQ3Z (Lead Free) 250 °C CS61584A-IQ5 240 °C CS61584A-IQ5Z (Lead Free) 250 °C |