Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS61583 Fiches technique(PDF) 38 Page - Cirrus Logic

No de pièce CS61583
Description  DUAL T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583 Fiches technique(HTML) 38 Page - Cirrus Logic

Back Button CS61583 Datasheet HTML 34Page - Cirrus Logic CS61583 Datasheet HTML 35Page - Cirrus Logic CS61583 Datasheet HTML 36Page - Cirrus Logic CS61583 Datasheet HTML 37Page - Cirrus Logic CS61583 Datasheet HTML 38Page - Cirrus Logic CS61583 Datasheet HTML 39Page - Cirrus Logic CS61583 Datasheet HTML 40Page - Cirrus Logic CS61583 Datasheet HTML 41Page - Cirrus Logic CS61583 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
4. Closing a DIP switch on SW2, SW3, and
SW4 towards the label sets the CS61583 control
pin of the same name to logic 1.
5. When performing a manual loopback of the
recovered signal to the transmit signal at the
BNC connectors, the recovered data must be
valid on the falling edge of RCLK to properly
latch the data in the transmit direction. To
accomplish this, the SW2 switch position labeled
"CLKE" must be closed (logic 1).
6. Jumpers can be placed on headers J9 and J12
to provide a ground reference on TRING for
75
Ω coax E1 applications.
7.
Properly
terminate
TTIP/TRING
when
evaluating the transmit output pulse shape. For
more
information
concerning
pulse
shape
evaluation, refer to the Crystal application note
entitled "Measurement and Evaluation of Pulse
Shapes in T1/E1 Transmission Systems."
CDB61583
38
DB172PP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44