| Moteur de recherche de fiches techniques de composants électroniques |
|
CS7666 Fiches technique(PDF) 34 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS7666 Fiches technique(HTML) 34 Page - Cirrus Logic |
|
34 / 42 page ![]() CS7666 34 DS302PP1 PIN DESCRIPTIONS Power Supply Connection VDD - Power Supply, PINS 11, 22, 26, 41, 58. Positive digital supplies. Nominally +5 volts. Pin 58 is an analog supply pin used for the internal PLL but may be connected to the digital supply pins under most circumstances. GND - Digital Ground, PINS 10, 21, 27, 40, 50, 57. Digital ground supplies. Pin 57 is an analog ground pin used for the internal PLL but may be connected to the digital ground pins under most circumstances. CLKIN2X CLKIN INTERP SCANMODE XTAL_OUT CLK_GRG GND ISET SCLSEC SDASEC DI0(LSB) DI1 DI2 DI3 DI4 VDD GND DI5 DI6 DI7 DI8 DI9(MSB) RESET VREFIN HREFIN VREFOUT HREFOUT SCL SDA GND VDD DOB0(LSB) 41 43 45 47 33 35 37 39 7 5 3 1 15 13 11 9 GND VDD CLKOUT TESTPINB DOA0(LSB) DOB9(MSB) DOB8 DOB7 DOB6 DOB5 DOB4 DOB3 DOA2 GND VDD DOA1 DOA6 DOA5 DOA4 DOA3 4BYTEMODE DOA9(MSB) DOA8 DOA7 TRANSP FIELD OE SCANENABLE GND VDD DOB2 DOB1 17 19 21 23 25 27 29 31 63 61 59 57 55 53 51 49 8 6 4 2 16 14 12 10 18 20 22 24 26 28 30 32 42 44 46 48 34 36 38 40 64 62 60 58 56 54 52 50 64-pin TQFP Top View |