| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5541 Fiches technique(PDF) 20 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5541 Fiches technique(HTML) 20 Page - Cirrus Logic |
|
20 / 26 page ![]() CS5541 20 DS500PP1 make sure the oscillator is fully stable). In normal start-up conditions, this power on reset circuit should reset the chip when power is applied. If your application could experience abnormal power start-up conditions, it is recommended that the serial port reinitialization sequence, followed by a power save command, be performed to guarantee that the converter begins proper operation. 2.12 PCB Layout The CS5541 should be placed entirely over an ana- log ground plane with the DGND pin of the device connected to the analog ground plane. Place the an- alog-digital plane split immediately adjacent to the digital portion of the chip See the CDB5540/41 data sheet for suggested lay- out details and Applications Note 18 for more de- tailed layout guidelines. Applications Engineering provides a free and con- fidential Schematic Review Service. |