| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5504 Fiches technique(PDF) 22 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5504 Fiches technique(HTML) 22 Page - Cirrus Logic |
|
22 / 24 page ![]() SPECIFICATION DEFINITIONS Linearity Error The deviation of a code from a straight line which connects the two endpoints of the A/D Converter transfer function. One endpoint is located 1/2 LSB below the first code transition and the other endpoint is located 1/2 LSB beyond the code transition to all ones. Units in percent of full-scale. Differential Nonlinearity The deviation of a code’s width from the ideal width. Units in LSBs. Full Scale Error The deviation of the last code transition from the ideal [{(VREF+) - (VREF-)} - 3 ⁄2 LSB]. Units are in LSBs. Unipolar Offset The deviation of the first code transition from the ideal (1 ⁄2 LSB above the voltage on the AIN- pin.) when in unipolar mode (BP/UP low). Units are in LSBs. Bipolar Offset The deviation of the mid-scale transition (011...111 to 100...000) from the ideal (1 ⁄2 LSB below the voltage on the AIN- pin.) when in bipolar mode (BP/UP high). Units are in LSBs CS5504 22 DS126F1 CS5504 22 DS126F2 |