| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5501 Fiches technique(PDF) 33 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5501 Fiches technique(HTML) 33 Page - Cirrus Logic |
|
33 / 54 page ![]() CS5501 CS5503 DS31F5 33 ORDERING INFORMATION ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION * MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020. Model Package Resolution Throughput Linearity Temperature CS5501-BP 20-pin Plastic DIP 4 kSps 0.0015 -40 to +85 °C CS5501-BS 20-pin SOIC 16 Bits CS5501-BSZ (lead free) CS5503-BP 20-pin Plastic DIP 20 Bits CS5503-BS 20-pin SOIC CS5503-BSZ (lead free) Model Peak Relfow Temp MSL Rating* Maximum Floor Life CS5501-BP 260 °C 1 No Limit CS5501-BS 240 °C 2 365 Days CS5501-BSZ (lead free) 260 °C 3 7 Days CS5503-BP 260 °C 1 No Limit CS5503-BS 240 °C 2 365 Days CS5503-BSZ (lead free) 260 °C 3 7 Days |