Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5463 Fiches technique(PDF) 33 Page - Cirrus Logic

No de pièce CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Fiches technique(HTML) 33 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 29Page - Cirrus Logic CS5463 Datasheet HTML 30Page - Cirrus Logic CS5463 Datasheet HTML 31Page - Cirrus Logic CS5463 Datasheet HTML 32Page - Cirrus Logic CS5463 Datasheet HTML 33Page - Cirrus Logic CS5463 Datasheet HTML 34Page - Cirrus Logic CS5463 Datasheet HTML 35Page - Cirrus Logic CS5463 Datasheet HTML 36Page - Cirrus Logic CS5463 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
CS5463
DS678PP1
33
6.1.20 Control Register ( Ctrl )
Register Address: 28
Default = 0x000000
STOP
Terminates the auto-boot sequence.
0 = Normal (default)
1 = Stop sequence
INTOD
Converts INT output pin to an open drain output.
0 = Normal (default)
1 = Open drain
NOCPU
Saves power by disabling the CPUCLK pin.
0 = Normal (default)
1 = Disables CPUCLK
NOOSC
Saves power by disabling the crystal oscillator.
0 = Normal (default)
1 = Disabling oscillator circuit
6.1.21 Harmonic Active Power Register ( PH )
Address: 29
The Harmonic Active Power (PH) is calculated by subtracting the Fundamental Active Power from the Active
(Real) Power. The value is represented in two's complement notation and in the range of -1.0
≤ PH < 1.0, with
the binary point to the right of the MSB.
6.1.22 Fundamental Active Power Register ( PF )
Address: 30
The Fundamental Active Power (PF) is calculated by performing a discrete Fourier transform (DFT) at the rele-
vant frequency on the V and I channels. The results are multiplied to yield fundamental power. The value is rep-
resented in two's complement notation and in the range of -1.0
≤ PH < 1.0, with the binary point to the right of
the MSB.
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
STOP
7
654
32
10
INTOD
NOCPU
NOOSC
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44