| Moteur de recherche de fiches techniques de composants électroniques |
|
CS44L11 Fiches technique(PDF) 24 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS44L11 Fiches technique(HTML) 24 Page - Cirrus Logic |
|
24 / 34 page ![]() 24 DS640PP4 CS44L11 4.10.5 Freeze (FREEZE) Default = 0 0 - Disabled 1 - Enabled Function: This function allows modifications to be made to the registers without the changes being taking effect until the FREEZE is disabled. To make multiple changes in the Control port registers take effect simultaneous- ly, you will first enable the FREEZE Bit, then make all register changes, then Disable the FREEZE bit. 4.11 Revision Indicator (address 0Ch)[Read Only] Default = none 0001 - Revision A 0010 - Revision B 0011 - Revision C etc. Function: This read-only register indicates the revision level of the device. 76 543 21 0 Reserved Reserved Reserved Reserved REV3 REV2 REV1 REV0 00 000 00 0 |