Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM9601E Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers

No de pièce DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
Final
13
Version: DM9601-DS-F01
June 22, 2002
9. Descriptor Values
All descriptors are stored in it’s default values. Values which are “?” in the table below are under define.
9.1 Device Descriptor/18-Byte
Offset
Field
Size
Value
Description
0
bLength
1
12H
Size of descriptor in bytes
1
bDescriptorType
1
01H
DEVICE Descriptor Type
2bcdUSB
2
0110H USB BCD version
4bDeviceClass
1
00H
Class code, assign by USB
Zero: No device level class
01H~FEH : Valid device class
FFH : Vender-specific
5
bDeviceSubClass
1
00H
SubClass code, assign by USB
6
bDeviceProtocol
1
00H
Protocol code, assign by USB
7
bMaxPacketSize0
1
08H
Maximum PL for EP0(8,16,32,64)
8
idVender
2
0A46H Vendor ID(2630)
10
idProduce
2
9601H Product ID(9601)
12
bcdDevice
2
0101H Device release number
14
iManufacturer
1
01H
Index of string descriptor for manufacturer
15
iProduct
1
02H
Index of string descriptor for product
16
iSerialNumber
1
03H
Index of string descriptors for serial number
17
bNumConfigurations
1
01H
Number of configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58