Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U236-000-R Fiches technique(PDF) 3 Page - Tripp Lite. All Rights Reserved

No de pièce U236-000-R
Description  USB 2.0 Ethernet NIC Adapter, 10/100 Mbps - Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U236-000-R Fiches technique(HTML) 3 Page - Tripp Lite. All Rights Reserved

  U236-000-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U236-000-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U236-000-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Connector Plating
Nickel
FEATURES & SPECIFICATIONS
USB Specification
USB 2.0 (up to 480 Mbps)
Driver Required
Yes
Recommended Category Cable
Cat5/5e/6 Cables
Auto MDIX Support
Yes
Full Duplex Support
Yes
Suspend Mode Support
Yes
Remote Wakeup Support
Yes
Technology
Cat5/5e; Cat6; USB 2.0 (High Speed); USB
CERTIFICATIONS
Certifications
Tested to CE, FCC, RoHS, REACH
WARRANTY
Product Warranty Period
(Worldwide)
3-year limited warranty
3 / 3



Html Pages

1 2 3