Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SK8D Fiches technique(PDF) 1 Page - Inchange Semiconductor Company Limited

No de pièce SK8D
Description  Standard power diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SK8D Fiches technique(HTML) 1 Page - Inchange Semiconductor Company Limited

  SK8D Datasheet HTML 1Page - Inchange Semiconductor Company Limited SK8D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Standard power diode
SK8D
FEATURES
·
Low Forward Voltage Drop
·
High inrush current capability
·
Extremely low reverse leakage
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Input rectifier
·
Bypass diode in PFC
·
Snubber circuit
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
800
V
IF(AV)
Average Forward Current
8
A
IFSM
Nonrepetitive Peak Surge Current
150
A
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
HERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(j-c)
Thermal Resistance,Junction to Case
2.0
℃
/W


Numéro de pièce similaire - SK8D

FabricantNo de pièceFiches techniqueDescription
logo
WeEn Semiconductors
SK8D WEEN-SK8D Datasheet
495Kb / 10P
Standard power diode
logo
Semikron International
SK8DGDL065ET SEMIKRON-SK8DGDL065ET Datasheet
838Kb / 4P
3-phase bridge rectifier brake chopper 3-phase bridge inverter
SK8DGDL065ET SEMIKRON-SK8DGDL065ET Datasheet
1,001Kb / 4P
3-phase bridge rectifier brake chopper 3-phase bridge inverter
SK8DGDL065ET SEMIKRON-SK8DGDL065ET_08 Datasheet
1,001Kb / 4P
3-phase bridge rectifier brake chopper 3-phase bridge inverter
More results

Description similaire - SK8D

FabricantNo de pièceFiches techniqueDescription
logo
Insel Rectifier India P...
DS2012SF IRI-DS2012SF Datasheet
464Kb / 5P
STANDARD RECOVERY DIODE
DS2002SD IRI-DS2002SD Datasheet
423Kb / 5P
STANDARD RECOVERY DIODE
logo
WeEn Semiconductors
SK8D WEEN-SK8D Datasheet
495Kb / 10P
Standard power diode
WND08P16D WEEN-WND08P16D Datasheet
405Kb / 10P
Standard power diode
WND08P16X WEEN-WND08P16X Datasheet
324Kb / 10P
Standard power diode
WND10P08X WEEN-WND10P08X Datasheet
324Kb / 10P
Standard power diode
WND45P16W WEEN-WND45P16W Datasheet
400Kb / 10P
Standard power diode
WND60P16W WEEN-WND60P16W Datasheet
404Kb / 10P
Standard power diode
WND10M600X WEEN-WND10M600X Datasheet
458Kb / 10P
Standard power diode
WB35SD160AL WEEN-WB35SD160AL Datasheet
243Kb / 6P
Standard power diode - Bare die
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com