Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89C60X2BA/00 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce P89C60X2BA/00
Description  80C51 8-bit Flash microcontroller family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C60X2BA/00 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button P89C60X2BA/00 Datasheet HTML 5Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 6Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 7Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 8Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 9Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 10Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 11Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 12Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Philips Semiconductors
Product data
P89C60X2/61X2
80C51 8-bit Flash microcontroller family
64KB Flash, 512B/1024B RAM
2003 Sep 11
9
PIN NUMBER
MNEMONIC
NAME AND FUNCTION
TYPE
LQFP
DIP
PLCC
XTAL1
21
19
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock
generator circuits.
XTAL2
20
18
14
O
Crystal 2: Output from the inverting oscillator amplifier.
NOTE:
To avoid “latch-up” effect at power-on, the voltage on any pin at any time must not be higher than VCC + 0.5 V or VSS – 0.5 V, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56