| Moteur de recherche de fiches techniques de composants électroniques |
|
3201848 Fiches technique(PDF) 1 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
3201848 Fiches technique(HTML) 1 Page - PHOENIX CONTACT |
|
1 / 4 page ![]() 103090s_en_01 CLIPLINE AI… Data Sheet © PHOENIX CONTACT 2011-07-05 1Description A special feature of AI… ferrules with insulating collar is that the closer the connections are, the more reliable the insulation is and the less likely the wires are to splice. The dimensions of the ferrules correspond to DIN 46228-4. The metal insulating sleeve is made from a soft electrolytic copper (E-CU) with tin plating, which ensures optimum connection when crimped with the appropriate Phoenix Contact tools. The insulating collar made from polypropylene, which is resistant to extreme heat, insulates and simplifies fitting onto the wire without having to splice the individual litz wires. The cross section sizes are color coded. They are listed according to DIN 46228-4, Weidmüller standard, and French standard NF C 63-023. Ferrules With Insulating Collar According to DIN 46228-4 Make sure you always use the latest documentation. It can be downloaded at www.phoenixcontact.net/catalog. This data sheet is valid for all products listed on the following page: |
Numéro de pièce similaire - 3201848 |
|
Description similaire - 3201848 |