Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

29531X Fiches technique(PDF) 2 Page - Belden Inc.

No de pièce 29531X
Description  VFD 100% Gnd, 3C #3/0 Str TC XLPO Ins #3/0 Symm. Seg.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BELDEN [Belden Inc.]
Site Internet  https://www.belden.com/
Logo BELDEN - Belden Inc.

29531X Fiches technique(HTML) 2 Page - Belden Inc.

  29531X Datasheet HTML 1Page - Belden Inc. 29531X Datasheet HTML 2Page - Belden Inc. 29531X Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inductance
Nominal Inductance
0.138 µH/ft
Current
Max. Recommended Current [A]
225 Amps per conductor @ 30°C
Voltage
Description
UL Voltage Rating
CSA AWM I/II A/B 1000 V RMS
600 V RMS (Type TC)
Temperature Range
UL Temp Rating:
90°C Dry, 90°C Wet
Operating Temp Range:
-40°C To +90°C
Wet Temp Range:
-40°C To +90 °C
Dry Temp Range:
-40°C To +90 °C
Mechanical Characteristics
Bulk Cable Weight:
2538 lbs/1000ft
Max Recommended Pulling Tension:
5025 lbs
Min Bend Radius/Minor Axis:
15.2 in
Standards
NEC Articles:
336 - ER
NEC/(UL) Specification:
TC-ER, WTTC, XHHW-2 Singles
PMSHA Specification:
P-07-KA14008
Other Specification:
UL Flexible Motor Supply Cable, UL 1309 Marine, IEEE 1580-2010 Type P
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (ROHS II):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU:
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
EU RoHS Compliance Date (yyyy-mm-dd): 2013-10-24
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Indoor:
Yes
Suitability - Oil Resistance:
Yes
Suitability - Outdoor:
Yes
Suitability - Sunlight Resistance:
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
UL1685 UL Loading
CSA Flammability:
FT4
IEEE Flammability:
1202, 383
UL voltage rating:
1000 V RMS (Flexible Motor Supply Cable)
Part Number
Variants
Item #
Color
UPC
Length Footnote
29531X 0101000 Black
612825138242 1,000 ft C Z



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com