| Moteur de recherche de fiches techniques de composants électroniques |
|
TAS5504 Fiches technique(PDF) 71 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5504 Fiches technique(HTML) 71 Page - Texas Instruments |
|
71 / 96 page ![]() Serial Control Interface Register Definitions 65 SLES123 − October 2004 TAS5504 6.7 Headphone Configuration Control Register (0x0D) Bit D0 is Don’t Care. Table 6−7. Headphone Configuration Control Register D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 − − − − − − Disable backend reset sequence for a channel − BEErrorRecEn 1 − − − − − − Enable backend reset sequence for a channel − 0 − − − − − Valid does not have to be low for this channel to be reset BEValidRst − 1 − − − − − Valid must be low for this channel to be reset − − 0 − − − − Valid does not have to be low for this channel to be muted BEValidMute − − 1 − − − − Valid must be low for this channel to be muted − − − 0 − − − Normal BEPolarity − − − 1 − − − Switches PWM+ and PWM− and invert audio signal − − − − 0 − − Do not remap output to comply with 5182 interface − − − − 1 − − Remap output to comply with 5182 interface − − − − − 0 − Do not go to low low in mute − BELowMute − − − − − 1 − Go to low-low in Mute − − − − − − 0 Do not remap Hi-Z state to low-low state − BE5111BsMute − − − − − − 1 Remap Hi-Z state to low-low state 6.8 Serial Data Interface Control Register (0x0E) Nine serial modes can be programmed I2C. Table 6−8. Serial Data Interface Control Register Format RECEIVE SERIAL DATA INTERFACE FORMAT WORD LENGTHS D7−D4 D3 D2 D1 D0 Right justified 16 0000 0 0 0 0 Right justified 20 0000 0 0 0 1 Right justified 24 0000 0 0 1 0 I2S 16 0000 0 0 1 1 I2S 20 0000 0 1 0 0 I2S 24 0000 0 1 0 1 Left justified 16 0000 0 1 1 0 Left justified 20 0000 0 1 1 1 Left justified 24 0000 1 0 0 0 Illegal 0000 1 0 0 1 Illegal 0000 1 0 1 0 Illegal 0000 1 0 1 1 Illegal 0000 1 1 0 0 Illegal 0000 1 1 0 1 Illegal 0000 1 1 1 0 Illegal 0000 1 1 1 1 |