Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

29531 Fiches technique(PDF) 1 Page - Belden Inc.

No de pièce 29531
Description  VFD 100% Gnd, 3C #3/0 Str TC XLPO Ins #3/0 Symm. Seg.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BELDEN [Belden Inc.]
Site Internet  https://www.belden.com/
Logo BELDEN - Belden Inc.

29531 Fiches technique(HTML) 1 Page - Belden Inc.

  29531 Datasheet HTML 1Page - Belden Inc. 29531 Datasheet HTML 2Page - Belden Inc. 29531 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 29531
VFD 100% Gnd, 3C #3/0 Str TC XLPO Ins + #3/0 Symm. Seg. Gnd (3 of #4+)
Str BC, CTS, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet 1000V Flexible Motor
Supply Cable
Product Description
Belden 100% Ground Flexible VFD, 3 Conductor 3/0AWG (7x19x19) Tinned Copper XLPO Insulation M4 Color Code + 3/0AWG Symmetrical Segmented
Ground (3 of 4AWG+) Bare Copper Stranded, Overall Dual Copper Tapes Helically Applied Shield, Black PVC Outer Jacket, 600V TC-ER 90C Dry/Wet 1000V
Flexible Motor Supply Cable 1000V CSA AWM I/II A/B 600V RW90 TC SUN RES DIR BUR Oil Resistant
Technical Specifications
Product Overview
Suitable Applications:
AC Motor drives, VFD, Variable Frequency drives
Physical Characteristics (Overall)
Conductor
Element
AWG Stranding
Material
No. of Conductors
Conductors
3/0
7x19x19
TC - Tinned Copper 1
Segmented Ground Wire 4
7x19
BC - Bare Copper
3
Conductor Count:
3
Insulation
Material
Nominal Wall Thickness
XLPE - Cross Linked Polyethylene 0.057 in
Color Chart
Number
Color
1
Black and Numbered 1
2
Black and Numbered 2
3
Black and Numbered 3
Outer Shield Material
Type Description Layer
Material
Coverage [%]
Tape .002"
1
Spiral Copper 100 %
Tape .002"
2
Spiral Copper 100 %
Outer Jacket Material
Material
Nominal Diameter Nominal Wall Thickness
PVC - Polyvinyl Chloride 1.516 in
0.083 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
0.063 Ohm/1000ft
Capacitance
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield
48 pF/ft
86 pF/ft


Numéro de pièce similaire - 29531

FabricantNo de pièceFiches techniqueDescription
logo
Belden Inc.
29531C BELDEN-29531C Datasheet
246Kb / 3P
VFD, 3C #3/0 Str BC XLPO Ins #3 Symm. Seg.
29531C0101000 BELDEN-29531C0101000 Datasheet
246Kb / 3P
VFD, 3C #3/0 Str BC XLPO Ins #3 Symm. Seg.
29531C0102000 BELDEN-29531C0102000 Datasheet
246Kb / 3P
VFD, 3C #3/0 Str BC XLPO Ins #3 Symm. Seg.
29531F BELDEN-29531F Datasheet
249Kb / 3P
VFD 100% Gnd, 3C #3/0 Str TC XLPO Ins #3/0 Symm. Seg.
29531F0101000 BELDEN-29531F0101000 Datasheet
249Kb / 3P
VFD 100% Gnd, 3C #3/0 Str TC XLPO Ins #3/0 Symm. Seg.
More results

Description similaire - 29531

FabricantNo de pièceFiches techniqueDescription
logo
Belden Inc.
29530 BELDEN-29530 Datasheet
247Kb / 3P
VFD 100% Gnd, 3C #2/0 Str TC XLPO Ins #2/0 Symm. Seg.
29530F BELDEN-29530F Datasheet
245Kb / 3P
VFD 100% Gnd, 3C #2/0 Str TC XLPO Ins #2/0 Symm. Seg.
29531F BELDEN-29531F Datasheet
249Kb / 3P
VFD 100% Gnd, 3C #3/0 Str TC XLPO Ins #3/0 Symm. Seg.
29532 BELDEN-29532 Datasheet
247Kb / 3P
VFD 100% Gnd, 3C #4/0 Str TC XLPO Ins #4/0 Symm. Seg.
29532F BELDEN-29532F Datasheet
245Kb / 3P
VFD 100% Gnd, 3C #4/0 Str TC XLPO Ins #4/0 Symm. Seg.
29529X BELDEN-29529X Datasheet
247Kb / 3P
VFD 100% Gnd, 3C #1/0 Str TC XLPO Ins #1/0 Symm. Seg.
29531T BELDEN-29531T Datasheet
227Kb / 1P
VFD 100% Gnd, 3C #3/0 Str TC XLPO Ins #3/0 Symm. Seg.
29531X BELDEN-29531X Datasheet
247Kb / 3P
VFD 100% Gnd, 3C #3/0 Str TC XLPO Ins #3/0 Symm. Seg.
29545 BELDEN-29545 Datasheet
245Kb / 3P
VFD 100% Gnd, 3C #2/0 Str TC XLPO Ins #2/0 Symm. Seg.
29546 BELDEN-29546 Datasheet
245Kb / 3P
VFD 100% Gnd, 3C #3/0 Str TC XLPO Ins #3/0 Symm. Seg.
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com