Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

INT5130CS Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce INT5130CS
Description  Integrated Powerline MAC/PHY Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

INT5130CS Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button INT5130CS Datasheet HTML 5Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 6Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 7Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 8Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 9Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 10Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 11Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 12Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
INTELLON CONFIDENTIAL
9
ADVANCE INFORMATION
Rev 8.1
INT5130 Integrated Powerline MAC/PHY Transceiver Technical Data Sheet
TEST1
Input
Factory Test Pin 1
Tie to I/O Ground
TEST2
Input
Factory Test Pin 2
Tie to I/O Ground
NC
---
No Connect
Power Supplies
VDD_C
2.5v
Digital Power
VSS_C
Digital Ground
VDD_IO
3.3v
I/O Power
VSS_IO
I/O Ground
VDD_Q
3.3v
Quiet Power
Connect to I/O Power
VSS_Q
Quiet Ground
Connect to I/O Ground
Table 2: Pin Descriptions by Group
Pin Diagram
VDD_C
1
VDD_C
2
VDD_IO
3
MII_TX3
4
VSS_C
5
MII_TX2
6
VDD_C
7
MII_TX1
8
VSS_IO
9
VSS_C
10
MII_TX0/GPSI_TXD
11
MII_TXEN/GPSI_TXEN
12
VDD_C
13
MII_TXCLK/GPSI_TXCLK
14
VDD_Q
15
MII_TX_ER
16
VDD_C
17
MII_RX_ER/GPSI_RXD
18
VSS_C
19
VSS_C
20
VSS_Q
21
MII_RXCLK/GPSI_RXCLK
22
VDD_C
23
VDD_C
24
MII_RXDV/GPSI_TXBSY
25
VSS_C
26
MII_RX3
27
VDD_C
28
MII_RX2
29
VSS_C
30
MII_RX1
31
VDD_C
32
MII_RX0
33
VSS_C
34
VSS_IO
35
VSS_C
36
VDD_C
73
DAC_CLK
74
VSS_C
75
TX_EN
76
RX_EN
77
VDD_C
78
VDD_IO
79
ADIO0
80
ADIO1
81
ADIO2
82
VSS_IO
83
ADIO3
84
VSS_C
85
ADIO4
86
ADIO5
87
VSS_C
88
VSS_Q
89
ADIO6
90
VDD_Q
91
ADIO7
92
ADIO8
93
ADIO9
94
VDD_IO
95
AGC0
96
AGC1
97
AGC2
98
VDD_C
99
AGC3
100
VSS_C
101
AGC4
102
AGC5
103
VDD_C
104
AGC6
105
AGC7
106
VSS_IO
107
VSS_C
108
INT5130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38