Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SDA3100AIP3AX Fiches technique(PDF) 14 Page - Advanced Micro Devices

No de pièce SDA3100AIP3AX
Description  AMD Athlon 64 Processor Power and Thermal Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

SDA3100AIP3AX Fiches technique(HTML) 14 Page - Advanced Micro Devices

Back Button SDA3100AIP3AX Datasheet HTML 10Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 11Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 12Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 13Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 14Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 15Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 16Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 17Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
30430 Rev. 3.43
October 2004
14
AMD Athlon™ 64 Desktop Processor
Chapter 1
8.
FIDVID Status Register, MSR C001_0042h.
9.
Ambient temperature into heat sink (internal ambient) assumed to be 42
°C.
10. Refer to the AMD Athlon™ 64 Processor Desktop Power Roadmap, order #26882, for IDD Max and Thermal
Design Power requirements for future processor revisions.
11. TCASE max is the maximum case temperature specification which is a physical value in degrees Celsius. This
value is programmed into Rev D and later processors. Refer to the appropriate functional data sheet, and the
THERMTRIP Status Register in the BIOS and Kernel Developer’s Guide for AMD Athlon™ 64 and
AMD Opteron™ Processors, order# 26094.
12. TCONTROL max (maximum control temperature) is a non physical temperature on an arbitrary scale that can be
used for system thermal management policies. TCONTROL max represents the value at which the processor has
reached TCASE max when measuring the thermal diode with a dual sourcing current temperature sensor. Refer to
the appropriate functional data sheet, and the THERMTRIP Status Register in the BIOS and Kernel Developer’s
Guide for AMD Athlon™ 64 and AMD Opteron™ Processors, order# 26094. Temperature is in degrees Celsius
on the TCONTROL scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24