Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAFC161PI Fiches technique(PDF) 51 Page - Infineon Technologies AG

No de pièce SAFC161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161PI Fiches technique(HTML) 51 Page - Infineon Technologies AG

Back Button SAFC161PI Datasheet HTML 47Page - Infineon Technologies AG SAFC161PI Datasheet HTML 48Page - Infineon Technologies AG SAFC161PI Datasheet HTML 49Page - Infineon Technologies AG SAFC161PI Datasheet HTML 50Page - Infineon Technologies AG SAFC161PI Datasheet HTML 51Page - Infineon Technologies AG SAFC161PI Datasheet HTML 52Page - Infineon Technologies AG SAFC161PI Datasheet HTML 53Page - Infineon Technologies AG SAFC161PI Datasheet HTML 54Page - Infineon Technologies AG SAFC161PI Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 400 page
background image
&3,
7KH &HQWUDO 3URFHVVLQJ 8QLW &38
User’s Manual
4-3
1999-08
A transition into an active CPU state is forced by an interrupt (if being in IDLE or SLEEP
mode) or by a reset (if being in POWER DOWN mode).
The IDLE, SLEEP, POWER DOWN, and RESET states can be entered by particular
C161PI system control instructions.
A set of Special Function Registers is dedicated to the functions of the CPU core:
• General System Configuration: SYSCON (RP0H)
• CPU Status Indication and Control: PSW
• Code Access Control: IP, CSP
• Data Paging Control: DPP0, DPP1, DPP2, DPP3
• GPRs Access Control: CP
• System Stack Access Control: SP, STKUN, STKOV
• Multiply and Divide Support: MDL, MDH, MDC
• ALU Constants Support: ZEROS, ONES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More