Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PQMH2 Fiches technique(PDF) 10 Page - Nexperia B.V. All rights reserved

No de pièce PQMH2
Description  NPN/NPN resistor-equipped transistors;R1 = 47 k廓, R2 = 47 k廓
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PQMH2 Fiches technique(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PQMH2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PQMH2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PQMH2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PQMH2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PQMH2 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PQMH2 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PQMH2 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PQMH2 Datasheet HTML 13Page - Nexperia B.V. All rights reserved PQMH2 Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PQMH2
NPN/NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ
PQMH2
All information provided in this document is subject to legal disclaimers.
Product data sheet
4 November 2015
10 / 14
13. Soldering
SOT1216
Footprint information for reflow soldering of DFN1010B-6 package
sot1216_fr
solder land
solder resist
solder land plus solder paste
occupied area
Dimensions in mm
Issue date 13-03-06
14-07-28
0.3 (6x)
1.1
0.6
0.25
0.35
0.35
0.5
1.2
1.3
0.25
1
1.35
0.35
0.15
0.15
0.2 (6x)
0.35
0.9
Fig. 13. Reflow soldering footprint for DFN1010B-6 (SOT1216)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14