Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV5346/T Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STV5346/T
Description  MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5346/T Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STV5346/T Datasheet HTML 5Page - STMicroelectronics STV5346/T Datasheet HTML 6Page - STMicroelectronics STV5346/T Datasheet HTML 7Page - STMicroelectronics STV5346/T Datasheet HTML 8Page - STMicroelectronics STV5346/T Datasheet HTML 9Page - STMicroelectronics STV5346/T Datasheet HTML 10Page - STMicroelectronics STV5346/T Datasheet HTML 11Page - STMicroelectronics STV5346/T Datasheet HTML 12Page - STMicroelectronics STV5346/T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
FUNCTIONAL DESCRIPTION (continued)
II - Ghost Row Memory Map
Row Address
of Stored Data
Designation
Code
Row (Packet)
Number
Function
00
0
0
0
X / 26
Enhanced display facilities
Page related data
stored in chapter
corresponding to
level 1 data,
i.e. For 0 goes in 4
”1
”
” 5
”2
”
” 6
”3
”
” 7
10
0
0
1
20
0
1
0
30
0
1
1
40
1
0
0
50
1
0
1
60
1
1
0
70
1
1
1
81
0
0
0
91
0
0
1
10
10
10
11
10
11
12
11
00
13
11
01
14
11
10
15
0
0
1
0
X / 28
Conditional access
16
00
00
X/ 27
Editorial
Linked pages
17
00
01
18
01
00
Composition
19
01
01
20
X / 24
Page extension stored here if R0D7 = 0
21
X / 25
Page extension
22
0
0
0
0
X / 28
Color definition
23
X
X
X
X
8 / 30 *
* Broadcasting service data packet
24
0
0
0
1
X/28
Character set designation
25
Not used
* Packet 8/30 storage : 8/30/0,1
: chapter 4, row23
8/30/2,3
: chapter 5, row23
8/30/4 to 15 : chapter 6, row23
D0
PU0
PT0
MU0
MT0
HU0
HT0
C7
C11
MAG0
0
D1
PU1
PT1
MU1
MT1
HU1
HT1
C8
C12
MAG1
0
D2
PU2
PT2
MU2
MT2
HU2
C5
C9
C13
MAG2
0
D3
PU3
PT3
MU3
C4
HU3
C6
C10
C14
0
0
D4
HAM
HAM
HAM
HAM
HAM
HAM
HAM
HAM
FOUND
0
D5
000000
000
PBLF
D6
000000
000
0
D7
000000
000
0
COLUMN
012345
678
9
Page number : - MAG = magazine, PU = page units, PT = page tens.
Page sub-code : - MU = minutes units, MT = minutes tens, HU = hours units, HT = hours tens.
PBLF = page being looked for, FOUND = low for page found, HAM = hamming error in byte, C4-14 = control bits.
Table 1 : Row 25 Received Page Control Data Format
STV5346 - STV5346/H - STV5346/T
9/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21