Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP4856CX25/C Fiches technique(PDF) 21 Page - Nexperia B.V. All rights reserved

No de pièce IP4856CX25/C
Description  SD 3.0-compliant memory card integrated dual voltage level translator with EMI filter and ESD protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4856CX25/C Fiches technique(HTML) 21 Page - Nexperia B.V. All rights reserved

Back Button IP4856CX25/C Datasheet HTML 14Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 15Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 16Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 17Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 18Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 19Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 20Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 21Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 22Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
IP4856CX25_C
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 15 October 2014
20 of 21
NXP Semiconductors
IP4856CX25/C
SD 3.0-compliant memory card integrated dual voltage level translator
Export control — This document as well as the item(s) described herein
may be subject to export control regulations. Export might require a prior
authorization from competent authorities.
Non-automotive qualified products — Unless this data sheet expressly
states that this specific NXP Semiconductors product is automotive qualified,
the product is not suitable for automotive use. It is neither qualified nor tested
in accordance with automotive testing or application requirements. NXP
Semiconductors accepts no liability for inclusion and/or use of
non-automotive qualified products in automotive equipment or applications.
In the event that customer uses the product for design-in and use in
automotive applications to automotive specifications and standards, customer
(a) shall use the product without NXP Semiconductors’ warranty of the
product for such automotive applications, use and specifications, and (b)
whenever customer uses the product for automotive applications beyond
NXP Semiconductors’ specifications such use shall be solely at customer’s
own risk, and (c) customer fully indemnifies NXP Semiconductors for any
liability, damages or failed product claims resulting from customer design and
use of the product for automotive applications beyond NXP Semiconductors’
standard warranty and NXP Semiconductors’ product specifications.
Translations — A non-English (translated) version of a document is for
reference only. The English version shall prevail in case of any discrepancy
between the translated and English versions.
18.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
19. Contact information
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22